Part Number Hot Search : 
PE4642 34063 PRODUCT 16F676P HAT2267H 34601 IRKT911 LT1413A
Product Description
Full Text Search
 

To Download BF2030R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  feb-20-2004 1 bf2030... silicon n-channel mosfet tetrode ? for low noise, high gain controlled input stages up to 1ghz ? operating voltage 5v eha07461 gnd g1 g2 drain agc hf input hf output +dc gg v g1 r esd : e lectro s tatic d ischarge sensitive device, observe handling precaution! class 2 (2000v - 4000v) pin to pin h uman b ody m odel type package pin configuration marking bf2030 BF2030R bf2030w sot143 sot143r sot343 1= s 1= d 1= d 2=d 2=s 2=s 3=g2 3=g1 3=g1 4=g1 4=g2 4=g2 - - - - - - nds nds nd maximum ratings parameter symbol value unit drain-source voltage v ds 8 v continuous drain current i d 20 ma gate 1/ gate 2-source current i g1/2sm 10 gate 1 (external biasing) + v g1se 6 v total power dissipation t s 76 c, bf2030, BF2030R t s 94 c, bf2030w p tot 200 200 mw storage temperature t stg -55 ... 150 c channel temperature t ch 150
feb-20-2004 2 bf2030... thermal resistance parameter symbol value unit channel - soldering point 1) bf2030/ BF2030R bf2030w r thchs 370 280 k/w electrical characteristics parameter symbol values unit min. typ. max. dc characteristics drain-source breakdown voltage i d = 20 a, v g1s = 0 , v g2s = 0 v (br)ds 10 - - v gate1-source breakdown voltage + i g1s = 10 ma, v g2s = 0 , v ds = 0 + v (br)g1ss 6 - 15 gate2-source breakdown voltage + i g2s = 10 ma, v g1s = 0 , v ds = 0 + v (br)g2ss 6 - 15 gate1-source leakage current v g1s = 5 v, v g2s = 0 , v ds = 0 + i g1ss - - 50 na gate2-source leakage current v g2s = 5 v, v g1s = 0 , v ds = 0 + i g2ss - - 50 drain current v ds = 5 v, v g1s = 0 , v g2s = 4 v i dss - - 50 a drain-source current v ds = 5 v, v g2s = 4 v, r g1 = 100 k ? i dsx - 12 - ma gate1-source pinch-off voltage v ds = 5 v, v g2s = 4 v, i d = 20 a v g1s(p) 0.3 0.5 - v gate2-source pinch-off voltage v ds = 5 v, i d = 20 a v g2s(p) 0.3 0.6 - 1 for calculation of r thja please refer to application note thermal resistance
feb-20-2004 3 bf2030... electrical characteristics parameter symbol values unit min. typ. max. ac characteristics (verified by random sampling) forward transconductance v ds = 5 v, i d = 10 ma, v g2s = 4 v g fs 27 31 - ms gate1 input capacitance v ds = 5 v, i d = 10 ma, v g2s = 4 v, f = 1 mhz c g1ss - 2.4 2.8 pf output capacitance v ds = 5 v, i d = 10 ma, v g2s = 4 v, f = 1 mhz c dss - 1.3 - power gain v ds = 5 v, i d = 10 ma, v g2s = 4 v, f = 800 mhz g p 20 23 - db noise figure v ds = 5 v, i d = 10 ma, v g2s = 4 v, f = 800 mhz f - 1.5 2.2 db gain control range v ds = 5 v, v g2s = 4...0 v, f = 800 mhz ? g p 40 50 -
feb-20-2004 4 bf2030... total power dissipation p tot = ? ( t s ) bf2030, BF2030R 0 15 30 45 60 75 90 105 120 c 150 t s 0 20 40 60 80 100 120 140 160 180 mw 220 p tot total power dissipation p tot = ? ( t s ) bf2030w 0 15 30 45 60 75 90 105 120 c 150 t s 0 20 40 60 80 100 120 140 160 180 ma 220 p tot drain current i d = ? ( i g1 ) v g2s = 4v 0 10 20 30 40 50 60 70 80 a 100 i g1 0 2 4 6 8 10 12 14 16 18 20 22 24 ma 28 i d output characteristics i d = ? ( v ds ) v g2s = 4v v g1s = parameter 0 1 2 3 4 5 6 7 8 v 10 v ds 0 2 4 6 8 10 12 14 16 ma 20 i d 1.4v 1.3v 1.2v 1.1v 1v 0.8v
feb-20-2004 5 bf2030... gate 1 current i g1 = ? ( v g1s ) v ds = 5v v g2s = parameter 0 0.4 0.8 1.2 1.6 2 2.4 v 3 v ds 0 15 30 45 60 75 90 105 120 135 150 165 180 a 210 i g1 4v 3.5v 3v 2.5v 2v gate 1 forward transconductance g fs = ? ( i d ) v ds = 5v, v g2s = parameter 0 4 8 12 16 20 24 ma 30 i d 0 5 10 15 20 25 30 ms 40 g fs 4v 3v 2.5v 2v drain current i d = ? ( v g1s ) v ds = 5v v g2s = parameter 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 v 2 v g1s 0 2 4 6 8 10 12 14 16 18 20 22 24 ma 30 i d 4v 3v 2v 1.5v drain current i d = ? ( v gg ) v ds = 5v, v g2s = 4v, r g1 = 100k ? (connected to v gg , v gg =gate1 supply voltage) 0 0.5 1 1.5 2 2.5 3 3.5 4 v 5 v gg 0 1 2 3 4 5 6 7 8 9 10 11 ma 13 i d
feb-20-2004 6 bf2030... drain current i d = ? ( v gg ) v g2s = 4v r g1 = parameter in k ? 0 1 2 3 4 5 6 v 8 v gg = v ds 0 2 4 6 8 10 12 14 16 18 20 22 24 ma 28 i d 70 80 100 120


▲Up To Search▲   

 
Price & Availability of BF2030R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X